Part Number Hot Search : 
CXP87500 NKA0505D TIONA DS1680 30M25 2SK3280 2DQ60D 67000
Product Description
Full Text Search
 

To Download 22320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TITLE
TRANSFORMER, HDSL E1, 160MA DC
SCHOTT
CORPORATION
1000 PARKERS LAKE ROAD WAYZATA, MN 55391
AGENCY APPROVAL: N/A
.780 MAX (19.81)
8 1
PART NUMBER
22320
PAGE
REV
F
1 END
OLD P/N 67141280
SPECIFICATIONS
1. TEMP CLASS 105 C 2. INDUCTANCE: @ 0.1 V, 10 KHz 5-8 = 2 mHy 3 % 3. LEAKAGE INDUCTANCE: @ .1V, 100 KHz, 5-8 WITH 1-2-3-4 SHORTED = 20 Hy MAX 4. INTERWINDING CAPACITANCE: @ .1V, 100 KHz 5-8 TO 1-2-3-4 = 100 pF MAX 5. DC RESISTANCE: 5-8 = 2.1 OHMS 10 % 1-2, 3-4 = 1 OHMS 10 % 6. TURNS RATIO: 1-2 : 3-4 : 5-8 = 1 : 1 : 2 2 % 7. RETURN LOSS 1-2-3-4 REF @ 135 OHM, 131 OHM + 0.001 mfd LOAD ON 5-8 @ 5 KHz = 2.5 dB MIN @ 40 KHz = 16 dB MIN @ 100-400 KHz = 22 dB MIN @ 2 MHz = 4 dB MIN 8. LONGITUDINAL BALANCE: @ 135 OHM, 200 KHz, 1-2-3-4 = 53 dB MIN 9. HARMONIC DISTORTION: 135 OHM, 200 KHz, 160 ma, 5 Vp-p > -70 dB (DO NOT NEED TO TEST IN PRODUCTION) 10. DIELECTRIC STRENGTH: 1-2-3-4 TO 5-8 = 2500 VAC
.780 MAX (19.81)
5
SCHOTT 14128 YYWW
4
.640 MAX (16.26)
.150 MIN (3.81)
.591 .010 (15.0)
.197 .010 (5.0) Sq. .024 (0.61)
1 6 5 2 3 8 7
4 11. INSULATION RESISTANCE: @ 500 VDC 1-2-3-4 TO 5-8 = 1 K MEGOHM MIN,
GROUNDONLY ONE END OF SHIELD
inches (mm) (c) 2000 SCHOTT CORPORATION, 1000 PARKERS LAKE ROAD, WAYZATA MN, 55391 (952) 475-1173
TOLERANCES
UNLESS OTHERWISE NOTED
2 PLACE
3 PLACE
ANGLE
.010
.005


▲Up To Search▲   

 
Price & Availability of 22320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X